Part Number Hot Search : 
796MJ D1406 G60CT TLE4286 P6KE68CA STM8330 G5904 AT209SG
Product Description
Full Text Search
 

To Download TK15210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TK15210
Audio Analog Switch FEATURES
s s s s s Wide Operating Voltage Range (3 to 13 V) Low Distortion (typ. 0.004%) Wide Dynamic Range (typ. 6 VP-P) Low Output Impedance (typ. 20 ) Protection at Output Terminal.
APPLICATIONS
s Audio Systems s Radio Cassettes
DESCRIPTION
The TK15210M is an Analog Switch IC that was developed for audio frequency applications. The function of the IC is to select one output from two input channels. The channel selection is controlled by a low level. The TK15210M operates from a single power supply with the input bias built-in (VCC/2). Because the distortion is very low, the TK15210M is suitable for various signal switching applications, especially Hi-Fi devices. The TK15210M offers a wide operating voltage range with simple associated circuitry. The TK15210M is available in the small SOT23L-6 plastic surface mount package.
VCC
TK15210
IN A
VCC GND KEY
20 P
OUT IN B
BLOCK DIAGRAM
VCC IN A
+ -
VCC OUT VCC
VCC KEY
ORDERING INFORMATION
IN B
+ -
TK15210M
Tape/Reel Code
GND
TAPE/REEL CODE
TL: Tape Left
January 2000 TOKO, Inc.
Page 1
TK15210
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ......................................................... 14 V Operating Voltage Range ................................. 3 to 13 V Power Dissipation (Note 4) ................................ 200 mW Storage Temperature Range ................... -55 to +150 C Operating Temperature Range ...................-20 to +75 C CONTROL SECTION Input Voltage .................................... -0.3 V to VCC +0.3 V ANALOG SWITCH SECTION Signal Input Voltage ......................... -0.3 V to VCC +0.3 V Signal Output Current ............................................. 3 mA Maximum Input Frequency .................................. 100 kHz Lead Soldering Temperature (10 s) ...................... 235 C
TK15210M ELECTRICAL CHARACTERISTICS
Test conditions: VCC = 8.0 V, TA = 25 C, unless otherwise specified.
SYMBOL ICC PARAMETER Supply Current TEST CONDITIONS MIN TYP 2.5 MAX 5.0 UNITS mA
KEY CONTROL SECTION VIL VIH IOKEY Input Voltage Low Level Input Voltage High Level Outflow Current Pin 4 connected to GND Note 1 -0.3 2.0 +0.6 VCC + 0.3 30 V V A
ANALOG SWITCH SECTION THD NL CT DYN GVA Vcent Vcent ZIN ZOUT Total Harmonic Distortion Residual Noise Cross Talk Maximum Input Signal Level Voltage Gain Input-Output Terminal Voltage Output Terminal Voltage Difference Input Impedance Output Impedance DC Impedance DC Impedance 36 20 VIN = 1 Vrms, f = 1 kHz Note 2 VIN = 1 Vrms, f = 10 kHz, Note 3 f = 1 kHz, THD = 0.1% f = ~20 kHz VCC / 2 output 3.8 2.0 0 4.0 4.2 18 -80 0.004 0.008 10 -75 % Vrms dB Vrms dB V mV k
Note 1: The KEY input equivalent circuit is shown to the right. When the control pin is open, the input is pulled up to a high level (approximately 1.4 V). This applies the channel A input signal to the output. A low level changes the output to the channel B input signal. Note 2: This value measured with a capacitor connected between the input terminal and ground. See Figure 7. Note 3: This value measured with a 5 k resistor and series capacitor connected between the input terminal and ground. See Figure 8. Note 4: Power dissipation is 200 mW when mounted as recommended. Derate at 1.6 mW/C for operation above 25 C.
Key Input
Logic
Page 2
January 2000 TOKO, Inc.
TK15210
TEST CIRCUITS AND METHODS
VCC SW6 10 F SW3 SW7 10 F SW8 SW9 SW2 1 kHz 1 Vrms or 2 Vrms 10 kHz 1 Vrms SW5 SW1 SW4
+ +
+
~
~
5 k
V ~
V _
THD
1: The above condition tests the dynamic range measurement for channel A. 2: SW5 is for residual noise measurement. 3: SW8 is for cross talk measurement. SUPPLY CURRENT (FIGURE 1) This current is a consumption current with a nonloading condition. 1) Measure the inflow current to Pin 6 from VCC. This current is the supply current.
VCC +
+
~
VCC A
OSC
V
Figure 2 KEY INPUT CURRENT (FIGURE 3) This current is the outflow current from the control terminal. 1) Measure the current to GND from Pin 4. This current is the outflow current.
VCC +
Figure 1 CONTROL LOW/HIGH LEVEL (FIGURE 2) This level is a measurement of the threshold level. 1) Input VCC to Pin 6. (This condition is the same with all remaining measurements, omitted from their descriptions for simplicity.) 2) Input to Pin 1 with sine wave (1 kHz, 1 Vrms). 3) Connect an oscilloscope to Pin 2. 4) Elevate the Pin 4 voltage from 0 V gradually, until the sine wave appears at the oscilloscope. This voltage is the threshold level when the wave appears. January 2000 TOKO, Inc.
A
Figure 3
Page 3
TK15210
TEST CIRCUITS AND METHODS (CONT.)
TOTAL HARMONIC DISTORTION (FIGURE 4) Use the lower distortion oscillator for this measurement because the distortion of the TK15210 is very low. 1) Pin 4 is in the open condition, or high level. 2) Connect a distortion analyzer to Pin 2. 3) Input a sine wave (1 kHz, 1 Vrms) to Pin 1. 4) Measure the distortion of Pin 2. This value is the distortion of Ach. 5) Next connect Pin 4 to GND, or low level. 6) Input the same sine wave to Pin 3. 7) Measure in the same way. This value is the distortion of Bch.
VCC +
VCC +
+
~
V ~
V ~
V1
V2
Figure 5
MAXIMUM INPUT LEVEL (FIGURE 6) This measurement is made at the output side. 1) Pin 4 is in the open condition, or high level. 2) Connect a distortion analyzer and an AC volt meter to Pin 2. 3) Input a sine wave (1 kHz) to Pin 1 and elevate the voltage from 0 V gradually until the distortion gets to 0.1% at Pin 2. 4) When the distortion amounts to 0.1%, stop elevating and measure the AC level of Pin 2. This value is the maximum input level of Ach. 5) Next, connect Pin 4 to GND, or low level. 6) Input the same sine wave to Pin 3. 7) Measure in the same way. This value is the maximum input level of Bch.
+
~
THD
Figure 4
VOLTAGE GAIN (FIGURE 5) This is the output level vs. the input level. 1) Pin 4 is in the open condition, or high level. 2) Connect AC volt meters to Pin 1 and Pin 3. (For best results, use identical meters.) 3) Input a sine wave (1 kHz) to Pin 1 (f = optional up to max. 20 kHz, 1 Vrms). 4) Measure the level of Pin 1 and name this V1. 5) Measure the level of Pin 2 and name this V2. 6) Calculate Gain = 20 Log10 (( |V2 - V1| )/V1) V1V2 = - Gain This value is the voltage gain of Ach. 7) Next, connect Pin 4 to GND, or low level. 8) Input the same sine wave to Pin 3. 9) Measure and calculate in the same way. This value is the voltage gain of Bch.
VCC +
+
~
THD
V ~
Figure 6
Page 4
January 2000 TOKO, Inc.
TK15210
TEST CIRCUITS AND METHODS (CONT.)
RESIDUAL NOISE (FIGURE 7) This value is not a S/N ratio. This is a noise which occurs from the device itself. 1) Pin 4 is in the open condition, or high level. 2) Connect an AC volt meter to Pin 2. 3) Connect a capacitor to GND from Pin 1. 4) Measure the AC voltage of Pin 2. This value is the noise of Ach. If external noise exists, use optional filters to eliminate it. 5) Next, connect Pin 4 to GND, or low level. 6) Remove the capacitor of Pin 1 and connect the capacitor to Pin 3. 7) Measure in the same way. This value is the noise level of Bch.
+ VCC +
5K + V ~ V4 V3 V ~
~
Figure 8
I/O TERMINAL VOLTAGE (FIGURE 9) This is the DC voltage of the input and output. Because the input and the output are nearly equal, only the output is measured. 1) Pin 4 is in the open condition, or high level. 2) Connect a DC volt meter to Pin 2 and measure. This value is the terminal voltage of Ach. 3) Next, connect Pin 4 to GND, or low level. 4) Measure in the same way. This value is the terminal voltage of Bch.
VCC +
+
V ~
VCC
Figure 7
+
CROSS TALK (FIGURE 8)
V
This is the cross talk between Ach and Bch. 1) Pin 4 is in the open condition, or high level. 2) Connect AC volt meters to Pin 2 and Pin 3. 3) Connect a capactior and a resistance in series to GND from Pin 1. 4) Input sine wave (10 kHz, 1 Vrms) to Pin 3. 5) Measure the level of Pin 3 and name this V3. 6) Measure the level of Pin 2 and name this V4. 7) Calculate: Cross Talk = 20 Log10 (V4 / V3) This value is the cross talk to Ach from Bch. 8) Next, connect Pin 4 to GND, or low level. 9) Change line of Pin 1 and Pin 3. 10) Input the same sine wave to Pin 1. 11) Measure and calculate in the same way. This value is the isolation to Bch from Ach. January 2000 TOKO, Inc.
Figure 9
OUTPUT TERMINAL DIFFERENCE This is the DC output voltage difference between Ach and Bch. This is calculated by using values measured at the I/O Terminal Voltage. Vcent = | (Ach DC output value) - (Bch DC output value) | This value is the voltage difference.
Page 5
TK15210
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 8 V, TA = 25 C, unless otherwise specified.
SUPPLY CURRENT VS. SUPPLY VOLTAGE 5 4 3 2 1 0 0 2 4 6 8 10 12 14 VCC (V)
LEVEL (Vrms) ICC (mA)
MAXIMUM INPUT LEVEL VS. SUPPLY VOLTAGE 5 4 3 2 1 0 0 2 4 6 8 10 12 14 VCC (V)
TOTAL HARMONIC DISTORTION vs. LOAD RESISTANCE 0.1
f = 1 kHz THD = 0.1 %
TOTAL HARMONIC DISTORTION vs. FREQUENCY 0.1
THD (%)
THD (%)
-20 C +25 C +75 C
0.01
0.01
0.001 0.1
1 f (kHz)
10
100
0.001 0.1
1 RL (k)
10
100
CROSS TALK VS. FREQUENCY -50 -60 -70 -80 -90 -100 0.1
2
KEY THRESHOLD VS. TEMPERATURE
1.5
LEVEL (V)
CT (dB)
1
0.5
1 f (kHz)
10
100
0 -40
-20
0
20 TA (C)
40
60
80
Page 6
January 2000 TOKO, Inc.
TK15210
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
VCC = 8 V, TA = 25 C, unless otherwise specified.
VOLTAGE GAIN VS. TEMPERATURE 8
RESIDUAL NOISE VS. TEMPERATURE
+0.1
LEVEL (Vrms) LEVEL (dB)
6
0
4
-0.1
2
-40
-20
0
20 TA (C)
40
60
80
0 -40
-20
0
20 TA (C)
40
60
80
January 2000 TOKO, Inc.
Page 7
TK15210
TERMINAL VOLTAGE AND CIRCUIT
Condition: VCC = 8 V.
PIN NO. 1 3
ASSIGNMENT IN A IN B
DC VOLTAGE 4V
CIRCUIT/FUNCTION
Signal Input Pin 2 OUT 4V
Signal Output Pin 4 KEY 1.4 V
Key Input Pin 5 6 GND VCC 0V 8V Ground Pin Supply Voltage Pin
Page 8
January 2000 TOKO, Inc.
TK15210
APPLICATION INFORMATION
KEY INPUT CIRCUIT
inA
Figure 10 illustrates the KEY input equivalent circuit. When the control pin is open, the input is pulled up to a high level (approximately 1.4 V). This applies the channel A input signal to the output. A low level changes the output to the channel B input signal. When the control terminal is pulled low, a current up to 30 A may flow out of the terminal. For this reason, an external resistor value must be selected which results in a voltage of less than 0.8 V to maintain a low condition.
Key in to Logic
10 F + 10 F out + Key RL 10 F inB + +
VCC
33 F
Figure 12 CROSS TALK Figure 13 is an example of a layout pattern. In the application of the TK15210M, the following must be considered. Because of the high impedance at the inputs, the capacitors can act as antennas to each other. If the parts are bigger, and the space between the capacitors is too narrow, then cross talk will increase. Therefore, when designing the printed circuit pattern, separate the input capacitors as far as possible and use as small a part as possible (e.g., surface mount types, etc.).
Figure 10
SWITCHING TIME This time is the signal change response time compared to the control key input signal. Figure 11 illustrates the timing chart. T = 2 s typically.
Bch (Ach) Key in SW out 50%
t Ach (Bch)
Figure 11
APPLICATION Figure 12 illustrates an example of a typical application. The standard application is to use capacitor coupling at the inputs and output of the TK15210M. For characteristics of distortion and dynamic range versus RL, refer to the graphs in the Typical Performance Characteristics. The TK15210M can also be used with direct coupling, but the characteristics will get worse (distortion, etc.). If direct coupling is desired, then it is recommended to use external circuitry that is biased compatible with the TK15210M. January 2000 TOKO, Inc.
Figure 13
Page 9
TK15210
APPLICATION INFORMATION (CONT.)
OUTPUT TERMINAL VOLTAGE DIFFERENCE This parameter is the output voltage difference between Ach and Bch, and appears when the channel changes from Ach to Bch, or vice versa. Generally, this is called Switching Noise or Pop Noise. If this value is big and if this noise is amplified by the final amplifier and is applied to the speakers, then it appears as a Shock Sound. The output terminal voltage difference of the TK15210M is a value that adds the internal bias difference and the offset voltage difference. The value of the TK15210 is very small; its maximum value is 18 mV. Toko can offer the "Muting IC" if users wish to mute Switching Noise. DIRECT CONTACT The signal input terminals: Internal circuits are operated by constant current circuits; even if VCC or GND is contacted, damage does not occur. The signal output terminal: As for inflow, internal circuits are operated by constant current circuits; even if VCC is contacted, damage does not occur. Outflow is protected by the circuit. Even if the terminal is contacted to GND, damage does not happen. Package damage may occur due to heat. Pay attention to long time contact. Do not supply over the maximum rating. Referenced to GND, do not provide terminal voltages over VCC +0.3 V or -0.3 V. DC SIGNAL OUTPUT The output of the TK15210M has a saturation voltage (both VCC and GND sides of approximately 1.0 V); accordingly the use of a DC signal is not recommended (e.g., pulse signal, etc.).
Page 10
January 2000 TOKO, Inc.
TK15210
NOTES
January 2000 TOKO, Inc.
Page 11
TK15210
PACKAGE OUTLINE
Marking Information
TK15210M
+0.15 0.4 - 0.05
SOT23L-6
S1
0.1 6
M
0.6
1.0
Marking
1 e
2 e 0.95
3 0.32 0.95
+0.15 - 0.05
0.1
M
e 0.95
e 0.95
Recommended Mount Pad
3.5
+0.3 - 0.1
2.2 0.3
(3.4)
1.4 max
e1 3.0 1.2
+0.15 - 0.05
15 0 - 0.1 0.4
+ 0.3
0.1
0.15
3.3
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 12
(c) 1999 Toko, Inc. All Rights Reserved IC-119-TK119xx 0798O0.0K
max
January 2000 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of TK15210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X